Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 21Page - Infineon Technologies AG TLE6209R Datasheet HTML 22Page - Infineon Technologies AG TLE6209R Datasheet HTML 23Page - Infineon Technologies AG TLE6209R Datasheet HTML 24Page - Infineon Technologies AG TLE6209R Datasheet HTML 25Page - Infineon Technologies AG TLE6209R Datasheet HTML 26Page - Infineon Technologies AG TLE6209R Datasheet HTML 27Page - Infineon Technologies AG TLE6209R Datasheet HTML 28Page - Infineon Technologies AG TLE6209R Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.1
25
2007-08-01
Figure 8
Timing for Error Detection Only
Figure 9
SPI-Input Timing
SDI
SCLK
CSN
0
SDO
CSN High to Low & SCLK stays Low: Status information of Data Bit 0 ( Error Flag )
is transfered to SDO
SDI: Data is not accepted
SDO: Status information of Data Bit 0 ( Error-Flag ) will stay as long as CSN is low
time
_
tristate
tristate
t
SCLKL
t
lag
t
beh
t
lead
t
bef
SCLK
CSN
0.7 V
CC
0.2 V
CC
0.7 V
CC
0.2 V
CC
SDI
0.7 V
CC
0.2 V
CC
t
SCLKH
t
SDIHO
t
SDISU
Don´t care
Valid
Don´t
care
Valid
Don´t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com