Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276V Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4276V
Description  Low Drop Voltage Regulator 400 mA current capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276V Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4276V Datasheet HTML 2Page - Infineon Technologies AG TLE4276V Datasheet HTML 3Page - Infineon Technologies AG TLE4276V Datasheet HTML 4Page - Infineon Technologies AG TLE4276V Datasheet HTML 5Page - Infineon Technologies AG TLE4276V Datasheet HTML 6Page - Infineon Technologies AG TLE4276V Datasheet HTML 7Page - Infineon Technologies AG TLE4276V Datasheet HTML 8Page - Infineon Technologies AG TLE4276V Datasheet HTML 9Page - Infineon Technologies AG TLE4276V Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
6
Rev. 2.7, 2007-10-23
TLE 4276
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Input voltage
V
I
V
Q + 0.5
40
V
Fixed voltage devices
V50, V85, V10
Input voltage
V
I
V
Q + 0.5
40
V
Variable device V
Input voltage
V
I
4.5 V
40
V
Variable device V,
V
Q < 4 V
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient
R
thj-a
–65
K/W
TO220
Junction ambient
R
thj-a
–
80
K/W
TO252, TO263
1)
Junction case
R
thj-c
–4K/W
–
1) Package mounted on PCB 80
× 80 × 1.5mm3; 35µ Cu; 5µ Sn; Footprint only; zero airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com