Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276V Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4276V
Description  Low Drop Voltage Regulator 400 mA current capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276V Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4276V Datasheet HTML 1Page - Infineon Technologies AG TLE4276V Datasheet HTML 2Page - Infineon Technologies AG TLE4276V Datasheet HTML 3Page - Infineon Technologies AG TLE4276V Datasheet HTML 4Page - Infineon Technologies AG TLE4276V Datasheet HTML 5Page - Infineon Technologies AG TLE4276V Datasheet HTML 6Page - Infineon Technologies AG TLE4276V Datasheet HTML 7Page - Infineon Technologies AG TLE4276V Datasheet HTML 8Page - Infineon Technologies AG TLE4276V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Drop Voltage Regulator
TLE 4276
Data Sheet
1
Rev. 2.7, 2007-10-23
Type
Package
Type
Package
TLE 4276 V50
PG-TO220-5-11
TLE 4276 GV50
PG-TO263-5-1
TLE 4276 V85
PG-TO220-5-11
TLE 4276 GV85
PG-TO263-5-1
TLE 4276 V10
PG-TO220-5-11
TLE 4276 GV10
PG-TO263-5-1
TLE 4276 V
PG-TO220-5-11
TLE 4276 GV
PG-TO263-5-1
TLE 4276 SV50
PG-TO220-5-12
TLE 4276 DV50
PG-TO252-5-11
TLE 4276 SV85
PG-TO220-5-12
TLE 4276 DV
PG-TO252-5-11
TLE 4276 SV
PG-TO220-5-12
P-TO220-5-3
P-TO220-5-43
P-TO220-5-122
P-TO252-5-11
Features
•
5 V, 8.5 V, 10 V or variable output voltage
•
Output voltage tolerance
≤ ±4%
•
400 mA current capability
•
Low-drop voltage
•
Inhibit input
•
Very low current consumption
•
Short-circuit-proof
•
Reverse polarity proof
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified


Similar Part No. - TLE4276V

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276V SIEMENS-TLE4276V Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276V INFINEON-TLE4276V Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
Siemens Semiconductor G...
TLE4276V10 SIEMENS-TLE4276V10 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276V10 INFINEON-TLE4276V10 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
Siemens Semiconductor G...
TLE4276V50 SIEMENS-TLE4276V50 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
More results

Similar Description - TLE4276V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
ON Semiconductor
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
logo
Unisonic Technologies
MBR3150L-Z21D-R UTC-MBR3150L-Z21D-R Datasheet
134Kb / 3P
Low forward voltage drop, High Current Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com