Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4470G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4470G
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4470G Datasheet HTML 2Page - Infineon Technologies AG TLE4470G Datasheet HTML 3Page - Infineon Technologies AG TLE4470G Datasheet HTML 4Page - Infineon Technologies AG TLE4470G Datasheet HTML 5Page - Infineon Technologies AG TLE4470G Datasheet HTML 6Page - Infineon Technologies AG TLE4470G Datasheet HTML 7Page - Infineon Technologies AG TLE4470G Datasheet HTML 8Page - Infineon Technologies AG TLE4470G Datasheet HTML 9Page - Infineon Technologies AG TLE4470G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
6
Rev. 1.2, 2008-03-20
TLE 4470
Table 3
Absolute Maximum Ratings
-40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Stand-by Regulator Input I1
Voltage
V
I1
-42
45
V
–
Current
I
I1
–
–
mA
Internally limited
Main Regulator Input I2
Voltage
V
I2
-42
45
V
–
Current
I
I2
–
–
mA
Internally limited
Stand-by Output Q1
Voltage
V
Q1
-1
7
V
–
Current
I
Q1
–
–
mA
Internally limited
Main Output Q2
Voltage
V
Q2
-1
36
V
–
Current
I
Q2
–
–
mA
Internally limited
Main Regulator Adjust Input ADJ2
Voltage
V
ADJ2
-0.3
18
V
–
Current
I
ADJ2
–
–
mA
Internally limited
Sense Output SQ
Voltage
V
SQ
-0.3
25
V
–
Current
I
SQ
-5
5
mA
–
Reset Output RQ
Voltage
V
RQ
-0.3
25
V
–
Current
I
RQ
-5
5
mA
–
Disable Input DIS
Voltage
V
DIS
-42
45
V
–
Current
I
DIS
-2
2
mA
–
Sense Input SI
Voltage
V
SI
-25
18
V
–
Current
I
SI
-2
2
mA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com