Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4470G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4470G
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4470G Datasheet HTML 8Page - Infineon Technologies AG TLE4470G Datasheet HTML 9Page - Infineon Technologies AG TLE4470G Datasheet HTML 10Page - Infineon Technologies AG TLE4470G Datasheet HTML 11Page - Infineon Technologies AG TLE4470G Datasheet HTML 12Page - Infineon Technologies AG TLE4470G Datasheet HTML 13Page - Infineon Technologies AG TLE4470G Datasheet HTML 14Page - Infineon Technologies AG TLE4470G Datasheet HTML 15Page - Infineon Technologies AG TLE4470G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
12
Rev. 1.2, 2008-03-20
TLE 4470
Sense Input SI and Output SQ
Sense threshold
voltage
V
SITH
1.28
1.35
1.45
V
V
SI decreasing
Sense threshold
hysteresis
V
SIHY
25
60
100
mV
–
Sense output low
voltage
V
SQL
–0.15
0.4
V
R
SQ = 10 kΩ externally
connected to Q1;
V
SI < 1.1 V; VI1 > 4.5 V
Sense output high
voltage
V
SQH
4.5
–
–
V
–
Sense pull-up
resistor
R
SQ
20
30
45
k
Ω
Internally connected to
Q1
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
2) Square wave at
V
I: 8 V to 18 V; f = 10 kHz; tr = tf ≤ 100 ns.
3)
V
Q2 connected to ADJ2.
Table 5
Electrical Characteristics (cont’d)
V
I1 = VI2 = 14 V; VDIS < VDISL; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com