Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4305 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4305
Description  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4305 Datasheet HTML 7Page - Infineon Technologies AG TLE4305 Datasheet HTML 8Page - Infineon Technologies AG TLE4305 Datasheet HTML 9Page - Infineon Technologies AG TLE4305 Datasheet HTML 10Page - Infineon Technologies AG TLE4305 Datasheet HTML 11Page - Infineon Technologies AG TLE4305 Datasheet HTML 12Page - Infineon Technologies AG TLE4305 Datasheet HTML 13Page - Infineon Technologies AG TLE4305 Datasheet HTML 14Page - Infineon Technologies AG TLE4305 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLE 4305
Data Sheet
11
Rev. 2.2, 2008-11-17
Voltage Control Loop
Figure 6
Voltage Loop
The voltage loop regulator compares the input voltage
V
SE to a reference voltage Vref of
typical 2.5 V. The difference is attenuated and proportional current drives the opto
isolator. The control loop output voltage
V
Q, pin VSE, pin OUT, opto isolator, primary
regulator and the transformer close the loop.
To program an output voltage a divider is used. The resistors are chosen according to
Equation (5).
V
VSE = Vref
(3)
V
VSE = VQ × RV2 / (RV1 + RV2)(4)
with
V
ref typical 2.5 V
V
Q = VVSE × (RV1 + RV2) / RV2
(5)
To compensate the voltage loop a 10 nF capacitor should be connected to pin VCO. With
the internal 1 k
Ω resistor it reduces the overall closed voltage loop’s bandwidth.
If the gain of the overall loop has to be adapted to the application’s needs, the output
capacitor can be modified accordingly.
AES02883
V-OTA
C
VCO
10 nF
VSE
Voltage Loop TLE 4305
Control
Logic
from Current Loop
1 k
Ω
R
VC
1 k
Ω
OUT
VCO
R
V2
Driver
R
V1
V
Q
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com