Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4305 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4305
Description  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4305 Datasheet HTML 8Page - Infineon Technologies AG TLE4305 Datasheet HTML 9Page - Infineon Technologies AG TLE4305 Datasheet HTML 10Page - Infineon Technologies AG TLE4305 Datasheet HTML 11Page - Infineon Technologies AG TLE4305 Datasheet HTML 12Page - Infineon Technologies AG TLE4305 Datasheet HTML 13Page - Infineon Technologies AG TLE4305 Datasheet HTML 14Page - Infineon Technologies AG TLE4305 Datasheet HTML 15Page - Infineon Technologies AG TLE4305 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
12
Rev. 2.2, 2008-11-17
TLE 4305
Current Control Loop
Figure 7
Current Control Loop
To detect the current a sense resistor
R
sense is placed in the current back-path to the
transformer (see Figure 4 and Figure 7).
The control operational amplifier compares the voltage at pin CRE to the voltage at the
inverting input of the OTA. In an overcurrent condition, the overall closed loop through
current loop, opto isolator, primary regulator, transformer and the application reduces the
PWM duty cycle to meet the closed loop condition.
V
CSE - VCRE is typical 200 mV.
The current limit is defined by
I
Qmax = 200 mV / Rsense
(6)
To compensate the overall closed current loop a 10 nF capacitor should be connected
to pin VCO. With the internal 1 k
Ω resistor it reduces the voltage loop’s bandwidth.
As already explained for the voltage loop, the capacitor can be modified according to the
overall loop’s bandwidth.
To further improve the current control in addition a compensation can be added at pin
CRE as shown in Figure 8.
AES02880
C-OTA
R
I1
25 k
Ω
C
CCO
10 nF
V
REF
CSE
CRE
Current Loop TLE 4305
Control
Logic
from Voltage Loop
1 k
Ω
R
CC
1 k
Ω
OUT
CCO
R
I1
25 k
Ω
R
Sense
D2
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com