Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4286G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4286G
Description  5-V Voltage Regulator 15 mA output current capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4286G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4286G Datasheet HTML 3Page - Infineon Technologies AG TLE4286G Datasheet HTML 4Page - Infineon Technologies AG TLE4286G Datasheet HTML 5Page - Infineon Technologies AG TLE4286G Datasheet HTML 6Page - Infineon Technologies AG TLE4286G Datasheet HTML 7Page - Infineon Technologies AG TLE4286G Datasheet HTML 8Page - Infineon Technologies AG TLE4286G Datasheet HTML 9Page - Infineon Technologies AG TLE4286G Datasheet HTML 10Page - Infineon Technologies AG TLE4286G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
7
Rev. 2.3, 2008-04-21
TLE 4286 G
Typical Performance Characteristics
Output Voltage
V
Q versus
Temperature
T
j
Current Consumption
I
q versus
Output Current
I
Q
Output Voltage
V
Q versus
Output Current
I
Q
Current Consumption
I
q versus
Input Voltage
V
I
4.80
-40
0
5.00
4.90
40
T j
80
120
160
C
5.10
Q
V
V
AED02191
= 5 mA
Q
Ι
4.85
4.95
5.05
0
0
AED03073
Iq
5
10
15
25
40
80
A
120
20 mA
20
60
100
I
V = 13.5 V
IQ
µ
25 ˚C
T =
j
AED02192
Ι
Q
40
V
6
0
0
mA
1
2
3
4
5
20
10
30
T j = 130 C
25 C -40 C
V Q
0
0
AED03058
Iq
200
400
A
600
V
100
300
500
Q
I = 2 mA
VI
µ
25 ˚C
T =
j
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com