Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4286G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4286G
Description  5-V Voltage Regulator 15 mA output current capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4286G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4286G Datasheet HTML 3Page - Infineon Technologies AG TLE4286G Datasheet HTML 4Page - Infineon Technologies AG TLE4286G Datasheet HTML 5Page - Infineon Technologies AG TLE4286G Datasheet HTML 6Page - Infineon Technologies AG TLE4286G Datasheet HTML 7Page - Infineon Technologies AG TLE4286G Datasheet HTML 8Page - Infineon Technologies AG TLE4286G Datasheet HTML 9Page - Infineon Technologies AG TLE4286G Datasheet HTML 10Page - Infineon Technologies AG TLE4286G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
8
Rev. 2.3, 2008-04-21
TLE 4286 G
Drop Voltage
V
dr versus
Output Current
I
Q
Output Voltage
V
Q versus
Input Voltage
V
I
Inhibit Voltage
V
INH versus
Inhibit Current
I
INH
600
0
0
200
400
10
7.5
5
2.5
800
mV
1000
1200
mA
15
Q
Ι
AED02193
Vdr
Tj =
-40 ˚C
130 ˚C
25 ˚C
AED03346.VSD
0
V
I
V
Q
12
34
56
0
1
2
3
4
5
6
V
V
R
L = 1 kΩ
V
INH = 5 V
T
J = 25°C
0
010
80
40
20
V INH
30
40
50
V
120
A
AED02194
100
60
20
Ι
INH
j
T = 130 C
25 C
-40 C
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com