Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5213 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF5213
Description  MCF5213 ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5213 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5213 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Family Configurations
MCF5213 ColdFire Microcontroller, Rev. 4
Freescale Semiconductor
21
1.6
External Interrupt Signals
Table 9 describes the external interrupt signals.
1.7
Queued Serial Peripheral Interface (QSPI)
Table 10 describes the QSPI signals.
1.8
I2C I/O Signals
Table 11 describes the I2C serial interface module signals.
Table 9. External Interrupt Signals
Signal Name
Abbreviation
Function
I/O
External Interrupts
IRQ[7:1]
External interrupt sources.
I
Table 10. Queued Serial Peripheral Interface (QSPI) Signals
Signal Name
Abbreviation
Function
I/O
QSPI Synchronous
Serial Output
QSPI_DOUT Provides the serial data from the QSPI and can be programmed to be
driven on the rising or falling edge of QSPI_CLK.
O
QSPI Synchronous
Serial Data Input
QSPI_DIN
Provides the serial data to the QSPI and can be programmed to be
sampled on the rising or falling edge of QSPI_CLK.
I
QSPI Serial Clock
QSPI_CLK
Provides the serial clock from the QSPI. The polarity and phase of
QSPI_CLK are programmable.
O
Synchronous Peripheral
Chip Selects
QSPI_CS[3:0] QSPI peripheral chip select; can be programmed to be active high or
low.
O
Table 11. I2C I/O Signals
Signal Name
Abbreviation
Function
I/O
Serial Clock
SCLn
Open-drain clock signal for the for the I2C interface. When the bus is
In master mode, this clock is driven by the I2C module; when the bus
is in slave mode, this clock becomes the clock input.
I/O
Serial Data
SDAn
Open-drain signal that serves as the data input/output for the I2C
interface.
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com