Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHVIC915R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MHVIC915R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC915R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MHVIC915R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MHVIC915R2
9
RF Device Data
Freescale Semiconductor
DRIVER/PRE-DRIVER PERFORMANCE
9
Z7
0.0504″ x 0.480″ Microstrip
Z8
0.0252″ x 0.843″ Microstrip
Z9
0.0252″ x 0.167″ Microstrip
Z10
0.040″ x 0.850″ Microstrip
Z11
0.025″ x 0.400″ Microstrip
Z12
0.020″ x 0.710″ Microstrip
PCB
Rogers 4350, 0.020″, εr = 3.50
Figure 18. MHVIC915R2 Test Fixture Schematic—
Alternate Characterization for Driver/Pre-Driver Performance
Z1
0.0438″ x 0.400″ 50 Ω Microstrip
Z2
0.1709″ x 0.1004″ Microstrip
(not including IC pad length)
Z3
0.1222″ x 0.1944″ Microstrip
Z4
0.0836″ x 0.3561″ Microstrip
Z5
0.0438″ x 0.2725″ Microstrip
Z6
0.0504″ x 0.3378″ Microstrip
RF
OUTPUT
RF
INPUT
Z1
VD2
Z7
Z6
C4
C6
Z2
Z3
Z4
Z5
Z8
Z9
C2
C3
C1
VBIAS2
R2
R4
C10
C9
VD1
C8
C7
1
2
3
4
5
6
7
8
10
16
NC
NC
NC
14
15
12
13
11
Quiescent Current
Temperature Compensation
+
C5
Z10
VGS2
VBIAS1
R1
R3
C11
C12
Z12
VGS1
C13
Z11
VBIAS BSG
R5
VBSD
Table 7. MHVIC915R2 Test Fixture Component Designations and Values —
Alternate Characterization for Driver/Pre-Driver Performance
Part
Description
Part Number
Manufacturer
C1, C2
2.4 pF High Q Capacitors (0603)
ATC600S4R7CW
ATC
C3, C4
47 pF NPO Capacitors (0805)
GRM40-001COG470J050BD
Murata
C5, C8, C10, C11
1 μF X7R Chip Capacitors (1214)
GRM42-2X7R105K050AL
Murata
C6
10 μF, 50 V Electrolytic Capacitor
ECEV1HA100SP
Panasonic
C7, C9, C12
0.01 μF X7R Chip Capacitors (0805)
GRM40X7R103J050BD
Murata
C13
8.2 pF NPO Chip Capacitor (0805)
GRM40-001COG8R2C050BD
Murata
R1, R2, R5
1 kW Chip Resistors (0603)
RM73B2AT102J
KOA Speer
R3, R4
100 kW Chip Resistors (0603)
RM73B2AT104J
KOA Speer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com