Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHVIC915R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MHVIC915R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC915R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MHVIC915R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC915R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RF Device Data
Freescale Semiconductor
MHVIC915R2
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Storage Temperature Range
Tstg
-65 to +150
°C
Operating Junction Temperature
TJ
150
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
Driver Application
Stage 1, 27 Vdc, IDQ = 80 mA
(Pout = 0.2 W CW)
Stage 2, 27 Vdc, IDQ = 120 mA
Output Application
Stage 1, 27 Vdc, IDQ = 80 mA
(Pout = 2.5 W CW)
Stage 2, 27 Vdc, IDQ = 120 mA
GSM Application
Stage 1, 26 Vdc, IDQ = 50 mA
(Pout = 15 W CW)
Stage 2, 26 Vdc, IDQ = 140 mA
RθJC
15.1
5.1
15.8
5.0
13.8
4.5
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
0 (Minimum)
Machine Model (per EIA/JESD22-A115)
A (Minimum)
Charge Device Model (per JESD22-C101)
II (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
240
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 27 Vdc, IDQ1 = 80 mA, IDQ2 = 120 mA, f = 880 MHz, Single-Carrier
N-CDMA, 1.2288 MHz Channel Bandwidth Carrier. ACPR measured in 30 kHz Bandwidth @ ±750 MHz. PAR = 9.8 dB @ 0.01% Probability
on CCDF
Power Gain (Pout = 23 dBm)
Gps
29
31
—
dB
Power Added Efficiency (Pout = 34 dBm)
PAE
—
21
—
%
Input Return Loss (Pout = 23 dBm)
IRL
—
-12
-9
dB
Adjacent Channel Power Ratio (Pout = 23 dBm)
ACPR
—
-60
-55
dBc
Adjacent Channel Power Ratio (Pout = 34 dBm)
ACPR
—
-50
—
dBc
Gain Flatness @ Pout = 23 dBm (865 MHz to 895 MHz)
GF
—
0.2
0.4
dB
Bias Sense FET Drain Current
VBSD = 27 V
VBIAS BSG = VBIAS2 Q2 @ IDQ2 = 120 mA
IBSD
0.8
1.2
1.6
mA
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com