Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHVIC2115R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MHVIC2115R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC2115R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MHVIC2115R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MHVIC2115R2
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
3000
−20
50
1000
−35
0
S21
f, FEQUENCY (MHz)
Figure 5. Broadband Frequency Response
S11
40
−5
30
−10
20
−15
10
−20
0
−25
−10
−30
2800
2600
2400
2200
2000
1800
1600
1400
1200
VDD = 27 Vdc, Pout = 23 dBm CW
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
2180
0
1.8
2100
f, FREQUENCY (MHz)
Figure 6. Delay versus Frequency
TC = 85_C
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
2110
2120
2130
2140
2150
2160
2170
VDD = 27 Vdc, Pout = 23 dBm CW
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
25
_C
−30
_C
2180
2100
2110
2120
2130
2140
2150
2160
2170
30
40
f, FREQUENCY (MHz)
Figure 7. Power Gain versus Frequency
39
38
37
36
35
34
33
32
31
25
_C
85
_C
VDD = 27 Vdc, Pout = 23 dBm CW
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
TC = −30_C
2180
2100
2110
2120
2130
2140
2150
2160
2170
0
20
f, FREQUENCY, (MHz)
Figure 8. Input Return Loss versus Frequency
15
10
5
VDD = 27 Vdc, Pout = 23 dBm CW
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
25
_C
−30
_C
TC = 85_C
30
40
20
Pout, OUTPUT POWER (dBm)
Figure 9. Power Gain versus Output Power
25
_C
85
_C
TC = −30_C
25
30
35
40
45
39
38
37
36
35
34
33
32
31
40
70
20
−30
_C
85
_C
TC = 25_C
25
30
35
40
45
65
60
55
50
45
Pout, OUTPUT POWER (dBm)
Figure 10. S21 Phase versus Output Power
VDD = 27 Vdc, f = 2140 MHz
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
VDD = 27 Vdc, f = 2140 MHz
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com