Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHVIC2115R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MHVIC2115R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC2115R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MHVIC2115R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
RF Device Data
Freescale Semiconductor
MHVIC2115R2
TYPICAL CHARACTERISTICS
35
−60
−40
15
2170 MHz
Pout, OUTPUT POWER (dBm)
Figure 11. W-CDMA ACPR versus Output Power
VDD = 27 Vdc
3GPP Test Model 1
64 DPCH
2110 MHz
2140 MHz
17
19
21
23
25
27
29
31
33
−42
−44
−46
−48
−50
−52
−54
−56
−58
2300
−70
−40
2000
IDQ3 = 100 mA
122 mA
f, FREQUENCY (MHz)
Figure 12. Two-Tone IMR versus Frequency
VDD = 27 Vdc
Pout = 23 dBm Two−Tone Avg.
Tone Spacing = 100 kHz
2250
2200
2150
2100
2050
−45
−50
−55
−60
−65
100 mA
122 mA
111 mA
3rd Order
5th Order
25
−70
−50
0
3rd Order
TONE SPACING (MHz)
Figure 13. Two-Tone Broadband Performance
VDD = 27 Vdc, f = 2140
Pout = 23 dBm, Two−Tone Avg.
5th Order
−52
−54
−56
−58
−60
−62
−64
−66
−68
510
15
20
100
3.00
6.00
−40
T, TEMPERATURE (C)
Figure 14. Fixture Bias versus Temperature
VDD = 27 Vdc
R1 = R2 = R3 = 1000 Ohms
−30 −20 −10
0
10203040
5060 7080 90
5.75
5.50
5.25
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
VBIAS3
T, TEMPERATURE (C)
Figure 15. Gate Bias versus Temperature
100
3.20
4.20
−40
Vgs1 & Vgs2
VDD = 27 Vdc
R1 = R2 = R3 = 1000 Ohms
−30 −20 −10
0
10 20
30
40
50
60 70
80 90
4.10
4.00
3.90
3.80
3.70
3.60
3.50
3.40
3.30
Vgs3
0.00
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
Igs1 & Igs2
Igs3
VBIAS1
VBIAS2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com