Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGJA Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGJA Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGJA Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
42
Freescale Semiconductor
Ethernet Interface and MII Management
8.3.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics
for MDIO and MDC are provided in Table 37.
8.3.2
MII Management AC Electrical Characteristics
Table 38 provides the MII management AC timing specifications.
Table 37. MII Management DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Supply voltage 3.3 V
OVDD
3.13
3.47
V
Output high voltage
(OVDD = Min, IOH = –1.0 mA)
VOH
2.10
OVDD + 0.3
V
Output low voltage
(OVDD = Min, IOL = 1.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
2.0
—
V
Input low voltage
VIL
—0.90
V
Input high current
(OVDD= Max, VIN
1= 2.1 V)
IIH
—40
μA
Input low current
(OVDD= Max, VIN
1= 0.5 V)
IIL
–600
—
μA
Note:
1. The symbol VIN, in this case, represents the OVIN symbols referenced in Table 2 and Table 3.
Table 38. MII management AC timing specifications
Parameters
Symbol
Min
Max
Unit
Notes
MDC frequency
fMDC
—2.5
MHz
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com