Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGJA Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGJA Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGJA Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
112
Freescale Semiconductor
Package and Pinout
Table 79 provides the pin-out listing for the MPC8567E 1023 FC-PBGA package.
30. This pin requires an external 4.7-k
Ω pull-down resistor to prevent PHY from seeing a valid Transmit Enable before it is actively
driven.
33. PF[21:22] are multiplexed as cfg_dram_type[0:1]. THEY MUST BE VALID AT POWER-UP, EVEN BEFORE HRESET
ASSERTION.
35. When a PCI block is disabled, either the POR config pin that selects between internal and external arbiter must be pulled
down to select external arbiter if there is any other PCI device connected on the PCI bus, or leave the PCIn_AD pins as "No
Connect" or terminated through 2–10 K
Ω pull-up resistors with the default of internal arbiter if the PCIn_AD pins are not
connected to any other PCI device. The PCI block will drive the PCIn_AD pins if it is configured to be the PCI arbiter—through
POR config pins—irrespective of whether it is disabled via the DEVDISR register or not. It may cause contention if there is any
other PCI device connected on the bus.
36.MDIC[0] is grounded through an 18.2-
Ω precision 1% resistor and MDIC[1] is connected to GVDD through an 18.2-Ω precision
1% resistor. These pins are used for automatic calibration of the DDR IOs.
39. If PCI is configured as PCI asynchronous mode, a valid clock must be provided on pin PCI_CLK . Otherwise the processor
will not boot up.
41.These pins should be tied to SCOREGND through a 300 ohm resistor if the high speed interface is used.
43. It is highly recommended that unused SD_RX/SD_RX lanes should be powered down with lane_x_pd. Otherwise the
receivers will burn extra power and the internal circuitry may develop long term reliability problems.
44. See Section 25.9, “Guidelines for High-Speed Interface Termination.”
46. Must be high during HRESET. It is recommended to leave the pin open during HRESET since it has internal pullup resistor.
47. Must be pulled down with 4.7-k
Ω resistor.
48. This pin must be left no connect.
49. A pull-up on LGPL4 is required for systems that boot from local bus (GPCM)-controlled NOR Flash.
Table 79. MPC8567E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI_AD[31:0]
AE19, AG20, AF19, AB20, AC20, AG21, AG22,
AB21, AF22, AH22, AE22, AF20, AB22, AE20,
AE23, AJ23, AJ24, AF27, AJ26, AE29, AH24,
AD24, AE25, AE26, AH27, AG27, AJ25, AE30,
AF26, AG26, AF28, AH26
I/O
OVDD
—
PCI_C_BE[3:0]
AC22, AD20, AE28, AH25
I/O
OVDD
—
PCI_GNT[4:1]
AF29, AB18, AC18, AD18
O
OVDD
5,9,35
PCI_GNT0
AE18
I/O
OVDD
—
PCI_IRDY
AF23
I/O
OVDD
2
PCI_PAR
AJ22
I/O
OVDD
—
PCI_PERR
AF24
I/O
OVDD
2
PCI_SERR
AD22
I/O
OVDD
2,4
PCI_STOP
AE24
I/O
OVDD
2
PCI_TRDY
AK24
I/O
OVDD
2
Table 78. MPC8568E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com