Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567CVTAUGJA Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # PPC8567CVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567CVTAUGJA Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button PPC8567CVTAUGJA Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
90
Freescale Semiconductor
PIC
17 PIC
This section describes the DC and AC electrical specifications for the external interrupt pins of the
MPC8568E.
17.1
PIC DC Electrical Characteristics
Table 67 provides the DC electrical characteristics for the external interrupt pins of the MPC8568E.
17.2
PIC AC Timing Specifications
Table 68 provides the PIC input and output AC timing specifications.
Table 67. PIC DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD+0.3
V
Input low voltage
VIL
—-0.3
0.8
V
Input current
IIN
—±10
μA
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Notes:
1. This table applies for pins IRQ[0:7], IRQ_OUT, MCP_OUT, and CE ports Interrupts.
2. IRQ_OUT and MCP_OUT are open drain pins, thus VOH is not relevant for those pins.
Table 68. PIC Input AC Timing Specifications 1
Characteristic
Symbol 2
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by
any external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns to ensure proper operation
when working in edge triggered mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com