Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CVTATLD Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
21
DDR2 and DDR3 SDRAM Controller
AC specifications of the DDR3 memory to be used are compliant to both JEDEC specifications as well as
the specifications and requirements described in this MPC8572E hardware specifications document.
6.2.1
DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications
Table 14, Table 15, and Table 16 provide the input AC timing specifications for the DDR controller when
interfacing to DDR2 and DDR3 SDRAM.
Table 14. DDR2 SDRAM Interface Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions with GVDD of 1.8 V ± 5%
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
>=667 MHz
VILAC
—MVREFn – 0.20
V
—
<= 533 MHz
—
MVREFn – 0.25
AC input high voltage
>=667 MHz
VIHAC
MVREFn + 0.20
—
V
—
—
<= 533 MHz
MVREFn + 0.25
—
Table 15. DDR3 SDRAM Interface Input AC Timing Specifications for 1.5-V Interface
At recommended operating conditions with GVDD of 1.5 V ± 5%. DDR3 data rate is between 606 MHz and 800 MHz.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VILAC
—MVREFn – 0.175
V
—
AC input high voltage
VIHAC
MVREFn + 0.175
—
V
—
Table 16. DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3.
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC
tCISKEW
—
—
ps
1, 2
800 MHz
—
–200
200
—
—
667 MHz
—
–240
240
—
—
533 MHz
—
–300
300
—
—
400 MHz
—
–365
365
—
—
Note:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding
bit that is captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW.This can be
determined by the following equation: tDISKEW =+/–(T/4 – abs(tCISKEW)) where T is the clock period and
abs(tCISKEW) is the absolute value of tCISKEW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com