Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CVTARLD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTARLD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PPC8572CVTARLD Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
© 2010 Freescale Semiconductor, Inc. All rights reserved.
Freescale Semiconductor
Technical Data
1Overview
This section provides a high-level overview of the features
of the MPC8572E processor. Figure 1 shows the major
functional units within the MPC8572E.
1.1
Key Features
The following list provides an overview of the MPC8572E
feature set:
•
Two high-performance 32-bit Book E–enhanced
cores that implement the Power Architecture®
technology:
— Each core is identical to the core within the
MPC8548 processor.
— 32-Kbyte L1 instruction cache and 32-Kbyte L1
data cache with parity protection. Caches can be
locked entirely or on a per-line basis, with
separate locking for instructions and data.
— Signal-processing engine (SPE) APU (auxiliary
processing unit). Provides an extensive
instruction set for vector (64-bit) integer and
fractional operations. These instructions use both
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 10
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 15
4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 18
6. DDR2 and DDR3 SDRAM Controller . . . . . . . . . . . 19
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 28
9. Ethernet Management Interface
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 50
10. Local Bus Controller (eLBC) . . . . . . . . . . . . . . . . . . 53
11. Programmable Interrupt Controller . . . . . . . . . . . . . 65
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
13. I
2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 71
16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
17. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . 100
19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
21. System Design Information . . . . . . . . . . . . . . . . . . 125
22. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 135
23. Document Revision History . . . . . . . . . . . . . . . . . . 137
MPC8572E PowerQUICC III
Integrated Processor
Hardware Specifications
Document Number: MPC8572EEC
Rev. 4, 06/2010


Similar Part No. - PPC8572CVTARLD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC8567CVTANGGA FREESCALE-PPC8567CVTANGGA Datasheet
1Mb / 139P
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PPC8567CVTANGJA FREESCALE-PPC8567CVTANGJA Datasheet
1Mb / 139P
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PPC8567CVTANJGA FREESCALE-PPC8567CVTANJGA Datasheet
1Mb / 139P
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PPC8567CVTANJJA FREESCALE-PPC8567CVTANJJA Datasheet
1Mb / 139P
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PPC8567CVTAQGGA FREESCALE-PPC8567CVTAQGGA Datasheet
1Mb / 139P
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
More results

Similar Description - PPC8572CVTARLD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com