Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CPXATLB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PPC8572CPXATLB Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
2
Freescale Semiconductor
Overview
the upper and lower words of the 64-bit GPRs as they are defined by the SPE APU.
— Embedded vector and scalar single-precision floating-point APUs. Provide an instruction set
for single-precision (32-bit) floating-point instructions.
— Double-precision floating-point APU. Provides an instruction set for double-precision (64-bit)
floating-point instructions that use the 64-bit GPRs.
— 36-bit real addressing
— Memory management unit (MMU). Especially designed for embedded applications. Supports
4-Kbyte–4-Gbyte page sizes.
— Enhanced hardware and software debug support
— Performance monitor facility that is similar to, but separate from, the MPC8572E performance
monitor
The e500 defines features that are not implemented on this device. It also generally defines some
features that this device implements more specifically. An understanding of these differences can
be critical to ensure proper operation.
•
1 Mbyte L2 cache/SRAM
— Shared by both cores.
— Flexible configuration and individually configurable per core.
— Full ECC support on 64-bit boundary in both cache and SRAM modes
— Cache mode supports instruction caching, data caching, or both.
— External masters can force data to be allocated into the cache through programmed memory
ranges or special transaction types (stashing).
– 1, 2, or 4 ways can be configured for stashing only.
— Eight-way set-associative cache organization (32-byte cache lines)
— Supports locking entire cache or selected lines. Individual line locks are set and cleared through
Book E instructions or by externally mastered transactions.
— Global locking and Flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be Flash cleared separately.
— Per-way allocation of cache region to a given processor.
— SRAM features include the following:
– 1, 2, 4, or 8 ways can be configured as SRAM.
– I/O devices access SRAM regions by marking transactions as snoopable (global).
– Regions can reside at any aligned location in the memory map.
– Byte-accessible ECC is protected using read-modify-write transaction accesses for
smaller-than-cache-line accesses.
•
e500 coherency module (ECM) manages core and intra-system transactions
•
Address translation and mapping unit (ATMU)
— Twelve local access windows define mapping within local 36-bit address space.
— Inbound and outbound ATMUs map to larger external address spaces.
– Three inbound windows plus a configuration window on PCI Express



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com