Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3450 Datasheet HTML 1Page - National Semiconductor (TI) LM3450 Datasheet HTML 2Page - National Semiconductor (TI) LM3450 Datasheet HTML 3Page - National Semiconductor (TI) LM3450 Datasheet HTML 4Page - National Semiconductor (TI) LM3450 Datasheet HTML 5Page - National Semiconductor (TI) LM3450 Datasheet HTML 6Page - National Semiconductor (TI) LM3450 Datasheet HTML 7Page - National Semiconductor (TI) LM3450 Datasheet HTML 8Page - National Semiconductor (TI) LM3450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC, HOLD, DIM, BIAS
-0.3V to 25.0V
HOLD Power
250 mW Continuous
BIAS Current
5.0mA Continuous
ZCD Current
+/- 10mA
COMP, FB, V
AC, FLT1, FLT2,
V
REF, CS, VADJ
-0.3V to 7.0V
I
SEN
-7.0V to 7.0V
GATE
-0.3V to 18V Continuous
-2.5V for 100ns
20.5V for 100ns
-1mA to +1mA Continuous
Continuous Power
Dissipation
Internally Limited
Maximum Junction
Temperature
Internally Limited
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature
(Solder and Reflow) (Note 2)
260°C
ESD Susceptibility (Note 3)
HBM
2kV
MM
200V
FICDM
750V
Operating Conditions (Note 1)
V
CC Range
8.5V to 20V
Junction Temperature Range
-40°C to +125°C
Electrical Characteristics (Note 1)
Unless otherwise specified V
CC = 14V. Specifications in standard type face are for TJ = 25°C and those with boldface type apply
over the full Operating Temperature Range ( T
J = −40°C to +125°C). Typical values represent the most likely parametric norm
at T
A = TJ = +25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
SUPPLY VOLTAGE INPUT (V
CC)
V
CC-RISE
Controller Enable Threshold
V
CC Rising
12.2
13.0
13.6
V
V
CC-FALL
Controller Disable Threshold
V
CC Falling
7.4
7.9
8.5
Glitch Filter Delay
9
µs
Turn-on Delay
40
I
Q
V
CC Quiescent Current
No Switching
1.6
mA
I
Q-SD
V
CC Shutdown Current
V
FB = 0V
515
625
µA
ERROR AMPLIFIER & COMPENSATION (FB, COMP)
V
FB
FB Reference (Normal Operation)
2.43
2.50
2.57
V
Input Bias Current
V
FB = 2.5V
100
nA
G
M
Transconductance
V
FB = 2.5V
69
115
161
µS
Output Source / Sink Capability
60
85
110
µA
FB Pull-up Current Source
V
FB < 1.8V
43
51
59
COMP Pull-up Resistor
5
k
Ω
V
CMP-B
COMP Low Threshold (Burst)
V
CMP Falling
V
THM -0.08
V
COMP Low Hysteresis
20
mV
V
FB-SD
Low Threshold (Shutdown)
V
FB Falling
150
168
186
FB Low Hysteresis
20
V
FB-EAD
FB Mid Threshold (EA Disabled)
V
FB Falling
328
346
368
FB Mid Hysteresis
20
V
FB-OV
FB High Threshold (Over-voltage)
1.20 x V
FB
1.22 x V
FB
V
COMP Pre-bias Source Current
V
CMP = 0.5V
415
µA
V
THM
Minimum COMP Voltage (Normal)
1.47
V
ANGLE DEMODULATION & MULTIPLIER (COMP, V
AC)
V
AC-DET
V
AC Angle Detection Threshold
334
356
378
mV
Angle Demodulation Delay Time
Both edges
8
µs
VAC Dynamic Input Voltage Range
0 to 5.5
V
COMP Dynamic Input Voltage Range
V
THM to VTHM
+2
V
AC Input Impedance
500
k
Ω
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com