Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3450 Datasheet HTML 1Page - National Semiconductor (TI) LM3450 Datasheet HTML 2Page - National Semiconductor (TI) LM3450 Datasheet HTML 3Page - National Semiconductor (TI) LM3450 Datasheet HTML 4Page - National Semiconductor (TI) LM3450 Datasheet HTML 5Page - National Semiconductor (TI) LM3450 Datasheet HTML 6Page - National Semiconductor (TI) LM3450 Datasheet HTML 7Page - National Semiconductor (TI) LM3450 Datasheet HTML 8Page - National Semiconductor (TI) LM3450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM3450
November 18, 2010
LED Driver with Active Power Factor Correction and Phase
Dimming Decoder
General Description
The LM3450 is a power factor controller (PFC) with separate
phase dimming decoder. The PFC regulates an accurate out-
put voltage while maintaining excellent power factor at the
input. The phase dimming decoder interprets the phase angle
and remaps it to a 500Hz PWM output. This combination of
features is ideal for implementing a dimmable off-line LED
driver for 10-100W loads.
The phase dimming decoder has several unique features. A
programmable mapping from input to output increases design
flexibility, while a dynamic filter and variable sampling rate
provide a fast, smooth response to dimmer movement. A dy-
namic hold circuit ensures that the phase dimmer angle is
decoded properly while minimizing the extra power losses
associated with holding current.
Features
■ Critical conduction mode PFC
■ Over-voltage protection
■ Feedback short circuit protection
■ 70:1 PWM decoded from phase dimmer
■ Analog dimming
■ Programmable dimming range
■ Digital angle and dimmer detection
■ Dynamic holding current
■ Smooth dimming transitions
■ Low power operation
■ Start-up pre-regulator bias
■ Precision voltage reference
Applications
■ Dimmable downlights, troffers, and lowbays
■ Indoor and outdoor area SSL
■ Power supply PFC
Typical Application
30127401
© 2010 National Semiconductor Corporation
301274
www.national.com


Similar Part No. - LM3450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
3Mb / 26P
Evaluation Board Maximum LED Stack Voltage
logo
Texas Instruments
LM3450 TI1-LM3450 Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450 TI2-LM3450 Datasheet
703Kb / 42P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
REVISED MAY 2013
LM3450A TI1-LM3450A Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
More results

Similar Description - LM3450

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
logo
Princeton Technology Co...
PT6909 PTC-PT6909 Datasheet
177Kb / 4P
Power Factor Correction LED Driver
logo
Emerson Network Power
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Texas Instruments
LM3450 TI1-LM3450_14 Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com