Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP30 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP30 Datasheet HTML 1Page - Infineon Technologies AG SP30 Datasheet HTML 2Page - Infineon Technologies AG SP30 Datasheet HTML 3Page - Infineon Technologies AG SP30 Datasheet HTML 4Page - Infineon Technologies AG SP30 Datasheet HTML 5Page - Infineon Technologies AG SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
4
14
1 Product Description
1.1
Overview
The SP30 Tire Pressure Monitoring (TPM) Sensor represents Infineon’s standard pressure range TPM sensor. The
SP30 offers a high level of integration by including a microcontroller, signal conditioning and LF-input stage to meet
market demands for flexible, customer specific solutions and overall system cost reduction.
The sensor design is based on Infineon’s proprietary and patented solutions for high reliability measurements in harsh
automotive environments. Its predictable and stable quality is proven in high volume applications.
The SP30 measures pressures up to 900kPa, temperature, supply voltage and acceleration (optional), and by
integrating these functions with an ASIC in one package, Infineon has developed the ideal product for standard
pressure TPM applications.
1.2
Features
•
Integrated Sensors
o
Pressure
o
Acceleration (optional)
o
Temperature
o
Voltage
•
Integrated Peripherals
o
Microcontroller
o
On board EEPROM
o
GPIOs
o
ADC for signal conditioning
o
2x LF Receiver for triggering
•
Measurement Ranges
o
Pressure Sensor 100 to 450 kPa / 100 to 900kPa
o
Temperature Sensor -40 to +125°C
o
Supply Voltage Sensor 2.1 to 3.6 V
o
Acceleration Sensor -12 to 115 g
1.3
Ordering Information
Product Name
Product Type
Ordering Code
Package
SP300V5.0-E106-0
100...450kPa
SP000435430
P-DSOSP-14-6
SP300V5.0-E116-0
100...900kPa
SP000477044
P-DSOSP-14-6
SP300V5.0-E206-0
100...450kPa, no acceleration sensor
SP000477042
P-DSOSP-14-6
SP300V5.0-E216-0
100...900kPa, no acceleration sensor
SP000477040
P-DSOSP-14-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com