Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP30 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG SP30 Datasheet HTML 11Page - Infineon Technologies AG SP30 Datasheet HTML 12Page - Infineon Technologies AG SP30 Datasheet HTML 13Page - Infineon Technologies AG SP30 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
14
14
7 Document history
Rev
Paragraphs
Description
00
First issue of TS1085 (identical to TS0212P rev C)
1
1.1.1.2
Added objective specification for 1400 kPa sensor
1
1.1.3
Temperature accuracy above +90 °C improved to –3 °C
1
1.2
Temperature measurement max value 2.5 µAs
1
1.2
Supply voltage measurement max value 2.5 µAs
1
1.2
Added peak current measurement
1
1.2
1 channel LF current, 25 °C, max value 4.6 µA
1
1.2
1 channel LF current, 125 °C, max value 6.7µA
1
1.6
LF input capacitance max value included
1
1.6
LF input resistor min value included, typical value removed, comment removed
1
3
Ambient temperature, storage, max 1000 hrs
1
3
Input currents specified
1
3
Maximum input pressure and burst pressure values listed in minimum column
2
1.1.1
(All tables) Added specification point between 50 and 70 °C to meet ISO standard
2
1.1.1
Added specification for 800 kPa
2
4.1
Updated reference to physical dimensions and marking
3
1.1.1
Improved specification for 800 kPa, outer temperatures
3
1.6
LF CD updated
3
1.8
Output high/low values corrected (min/max swapped)
4
Removed “Confidential” Marking
4
Added Disclaimer
4
1
Added Section “Product Description”
4
5
Added Section “Physical Dimension and Marking”
4
6
Added Section “Pin Configuration”
4
4
Added note to maximum ratings
4
2.1.1.2
Removed 1400kPa option
5
5.2
Updated marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com