Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG15241HT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMG15241HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor
MMG15241HT1
50 OHM TYPICAL CHARACTERISTICS: 2140 MHz
37
41
39
2040
2090
2140
2190
2240
40
38
VDD =5 Vdc
TC =25°C
--40°C
85°C
13
17
2000
f, FREQUENCY (MHz)
Figure 6. Small--Signal Gain (S21) versus
Frequency
VDD =5 Vdc
15
16
14
2075
2150
2225
2300
TC =--40°C
85°C
25°C
--24
--8
f, FREQUENCY (MHz)
Figure 7. Input Return Loss (S11) versus
Frequency
--16
VDD =5 Vdc
2000
2075
2150
2225
2300
--12
--20
TC =--40°C
85°C
25°C
--25
--5
f, FREQUENCY (MHz)
Figure 8. Output Return Loss (S22) versus
Frequency
--15
VDD =5 Vdc
2000
2075
2150
2225
2300
--10
--20
25°C
21
25
23
22
f, FREQUENCY (MHz)
Figure 9. P1dB versus Frequency
24
VDD =5 Vdc
TC =--40°C
25°C
85°C
2040
2090
2140
2190
2240
f, FREQUENCY (MHz)
Figure 10. Third Order Output Intercept
Point versus Frequency
0.8
2.4
f, FREQUENCY (MHz)
Figure 11. Noise Figure versus Frequency
1.6
1.2
VDD =5 Vdc
TC =85°C
25°C
--40°C
2
2000
2075
2150
2225
2300
TC =--40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com