Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG15241HT1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MMG15241HT1
9
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS: 900 MHz
36
40
38
39
37
VDD =5 Vdc
18
22
750
f, FREQUENCY (MHz)
Figure 15. Small--Signal Gain (S21) versus
Frequency
VDD =5 Vdc
20
21
19
825
900
975
1050
--15
--3
f, FREQUENCY (MHz)
Figure 16. Input Return Loss (S11) versus
Frequency
--9
VDD =5 Vdc
--6
--12
--24
--8
f, FREQUENCY (MHz)
Figure 17. Output Return Loss (S22) versus
Frequency
--16
VDD =5 Vdc
--12
--20
22
26
24
23
f, FREQUENCY (MHz)
Figure 18. P1dB versus Frequency
25
VDD =5 Vdc
800
850
900
950
1000
f, FREQUENCY (MHz)
Figure 19. Third Order Output Intercept
Point versus Frequency
0
2
f, FREQUENCY (MHz)
Figure 20. Noise Figure versus Frequency
1
0.5
VDD =5 Vdc
1.5
750
825
900
975
1050
750
825
900
975
1050
800
850
900
950
1000
750
825
900
975
1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com