Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263GS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4263GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263GS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
6
Rev. 2.8, 2007-03-20
TLE 4263
Thermal Resistance
Junction-ambient
R
thj-a
112
92
185
164
K/W
K/W
K/W
K/W
PG-DSO-14-30
1);
Footprint only
PG-DSO-14-30
1);
300 mm
2 Heat sink
PG-DSO-8-16
1);
Footprint only
PG-DSO-8-16
1);
300 mm
2 Heat sink
Junction-pin
R
thj-p
32
K/W
PG-DSO-14-30
2)
1) Worst case; package mounted on PCB 80
× 80 × 1.5 mm3; 35µ Cu; 5µ Sn; zero airflow.
2) Measured to pin 4.
Table 2
Absolute Maximum Ratings (cont’d)
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com