Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263GS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4263GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263GS Datasheet HTML 10Page - Infineon Technologies AG TLE4263GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263GS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
8
Rev. 2.8, 2007-03-20
TLE 4263
Note: The reset output is low within the range
V
Q = 1 V to VQ,rt.
Watchdog
Discharge current
I
D,wd
4.40
6.25
9.10
µA
V
D = 1.0 V
Upper timing
threshold
V
DU
1.45
1.70
2.05
V
Lower timing
threshold
V
DWL
0.20
0.35
0.55
V
Watchdog trigger time
T
WI,tr
16
22.5
27
ms
C
D = 100 nF
Inhibit
Switching voltage
V
INH,ON
3.6
V
IC turned on
Turn-OFF voltage
V
INH,OFF
0.8
V
IC turned off
Input current
I
INH
510
25
µA
V
INH = 5 V
1) Drop voltage =
V
i - VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 6 V input).
Table 3
Characteristics (cont’d)
V
I = 13.5 V; -40 °C < Tj < 125 °C; VINH > 3.5 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com