Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4471 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4471_09 Datasheet HTML 6Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 7Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 8Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 9Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 10Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 11Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 12Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 13Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
10
Rev. 1.6, 2009-02-03
TLE 4471
Enable Function E1, E2, E3, EN
E1 On threshold
V
E1, on
3.54.1
4.5V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E1 Off threshold
V
E1, off
1.5–
2.5V
–
E1 High input current
I
E1, on
–50
–
µA
V
E1 = 16 V
E1 Low input current
I
E1, off
-1
–
5
µA
V
E1 = 0 V
E2 On threshold
V
E2, on
1.31.7
2.0V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E2 Off threshold
V
E2, off
0.81.2
1.7V
–
E2 resistance to GND
R
E2
515
40
k
Ω
–
E3 On threshold
V
E3, on
3.5–
4.5V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E3 Off threshold
V
E3, off
1.5–
2.5V
–
E3 High input current
I
E3, on
–50
–
µA
V
E3 = 16 V
E3 Low input current
I
E3, off
-1
–
5
µA
V
E3 = 0 V
EN On threshold
V
EN, on
1.01.7
2.3V
V
Q3 > 4.8 V; Q1 ON
EN Off threshold
V
EN, off
0.81.2
1.7V
V
Q3 < 0.1 V
Enable resistance to
GND
R
EN
515
40
k
Ω
–
Reset Generator
Switching threshold
V
Q, rth
4.5
4.65
4.8
V
RADJ connected to
GND
Reset headroom
V
head
250
350
500
mV
10 mA <
I
Q1 < 450 mA
Reset pull-up
R
R
2.4
–
6
k
Ω
–
Reset output low
voltage
V
R, low
–
–
0.4
V
1 V <
V
Q1 < VQ, rth
Reset output Low
voltage
V
R, low
––
0.4
V
V
Q1 = 1 V, IR = 50 µA
Reset output High
voltage
V
R, high
4.5
–
–
V
–
Reset adjust
threshold
V
RADJ
1.25
1.35
1.45
V
V
Q1 > 3.5 V
Table 4
Characteristics (cont’d)
V
I = 13.5 V; Tj = -40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com