Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4471 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4471_09 Datasheet HTML 16Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 17Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 18Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 19Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 20Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 21Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 22Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 23Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
TLE 4471
Revision History
Data Sheet
23
Rev. 1.6, 2009-02-03
Version
Date
Changes
Rev. 1.6
2009-02-03 Package bond wire modification according
to PCN No. 2007-090. Change of package name in
datasheet to “Power PG-DSO-20”. No change of package
outline.
Rev. 1.5
2007-03-20 Initial version of RoHS-compliant derivate of TLE 4471
Page 1: AEC certified statement added
Page 1 and Page 22: RoHS compliance statement and
Green product feature added
Page 1 and Page 22: Package changed to RoHS compliant
version
Legal Disclaimer updated
Rev. 1.4
2005-01-28 Parameter “Output Clamp Voltage” REF2 and REF3:
Max. value changed from 4V to 4.5V in order to align with the
Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com