Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6214L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6214L Datasheet HTML 1Page - Infineon Technologies AG TLE6214L Datasheet HTML 2Page - Infineon Technologies AG TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
5
Output Pull Down Current (Channel OFF)
IPD(OL)
25
50
100
µA
Fault Filtering Time
td(fault)
50
100
200
µs
Overload switch off delay time (only current limit 2)
Slew rate 1
Slew rate 2
Td(off)
10
10
50
150
µs
Short to Ground Detection Voltage
VDS(SHG)
0.3*
Vs
0.4*
Vs
0.5*
Vs
V
Output Pull Up Current (Channel OFF)
IPU(SHG)
-50
-100
-150
µA
Under Current Detection Threshold (Channel ON)
ID(OL)
100
170
300
mA
Current Limit1; Overload Threshold Current1
ID(lim1)
5
6.5
8
A
Current Limit2; Overload Threshold Current2
VS >= 5V
VS < 5V, TJ <= 125°C
VS < 5V, TJ > 125°C
2
ID(lim2)
9
9
8
10,5
12
12
12
A
IC Overtemperature Warning2
Hysteresis2
Tw
T(w) hys
155
--
--
10
185
--
°C
K
Channel Overtemperature Shutdown2
Hysteresis2
Tth(sd)
T(sd)hys
170
--
--
10
200
--
°C
K
7. Analog Current Sense Output (IS1 / IS2)
Current Sense Precision (single channel)1
I FB / I OUT
ID = 200mA – 1A; UCO1 ≥ 2V
PIS
0.8
1.0
1.2
mA
/ A
Current Sense Precision (single channel)1
I FB / I OUT
ID = 1A – 5A; UCO1 ≥ 2V
PIS
0.9
1.0
1.1
mA
/ A
Current Sense Temperature Deviation2
Vs = 5V; ID = 200mA to 5A; UCO1 ≥ 2V
IStemp
-10
PIS(25°
C,
ID)
+10
%
Current Sense Settle time 2
UCO1 ≥ 2V, Rsense = 2,5k
Ω (ID max = 1A)
tIS
4
µs
Current Sense Settle time 2
UCO1 ≥ 2V, Rsense = 500
Ω (ID max = 5A)
tIS
2
µs
1
If the summed current is sensed the tolerances of the single channels are added.
2
This parameter is not subject to production test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com