Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6250 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6250
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6250 Datasheet HTML 1Page - Infineon Technologies AG TLE6250 Datasheet HTML 2Page - Infineon Technologies AG TLE6250 Datasheet HTML 3Page - Infineon Technologies AG TLE6250 Datasheet HTML 4Page - Infineon Technologies AG TLE6250 Datasheet HTML 5Page - Infineon Technologies AG TLE6250 Datasheet HTML 6Page - Infineon Technologies AG TLE6250 Datasheet HTML 7Page - Infineon Technologies AG TLE6250 Datasheet HTML 8Page - Infineon Technologies AG TLE6250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Type
Package
TLE6250G
PG-DSO-8
TLE6250C
(chip)
TLE6250GV33
PG-DSO-8
TLE6250CV33
(chip)
High Speed CAN-Transceiver
TLE6250
Data Sheet
3
Rev. 4.0, 2008-04-28
Features
•
CAN data transmission rate up to 1 MBaud
•
Receive-only Mode and Stand-by Mode
•
Suitable for 12 V and 24 V applications
•
Excellent EMC performance (very high immunity and
very low emission)
•
Version for 5 V and 3.3 V microcontrollers
•
Bus pins are short circuit proof to ground and battery
voltage
•
Overtemperature protection
•
Very wide temperature range (-40
°C up to 150 °C)
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The HS CAN-transceiver family TLE6250 (TLE6250G and TLE6250GV33) are
monolithic integrated circuits that are available as bare die as well as in a PG-DSO-8
package. The ICs are optimized for high speed differential mode data transmission in
automotive and industrial applications and they are compatible to ISO/DIS 11898. They
work as an interface between the CAN protocol controller and the physical differential
bus in both, 12 V and 24 V systems.
The ICs are based on the Smart Power Technology SPT
® which allows bipolar and
CMOS control circuitry in accordance with DMOS power devices existing on the same
monolithic circuit. The TLE6250G is designed to withstand the severe conditions of
automotive applications and provides excellent EMC performance.
Note: There are two versions available (refer to next page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com