Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6250 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6250
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6250 Datasheet HTML 5Page - Infineon Technologies AG TLE6250 Datasheet HTML 6Page - Infineon Technologies AG TLE6250 Datasheet HTML 7Page - Infineon Technologies AG TLE6250 Datasheet HTML 8Page - Infineon Technologies AG TLE6250 Datasheet HTML 9Page - Infineon Technologies AG TLE6250 Datasheet HTML 10Page - Infineon Technologies AG TLE6250 Datasheet HTML 11Page - Infineon Technologies AG TLE6250 Datasheet HTML 12Page - Infineon Technologies AG TLE6250 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLE6250
Data Sheet
9
Rev. 4.0, 2008-04-28
In the normal mode the device is able to receive and to transmit messages whereas in
the receive-only mode signals at the TxD input are not transmitted to the CAN bus. The
receive-only mode can be used for diagnostic purposes (to check the bus connections
between the nodes) as well as to prevent the bus being blocked by a faulty permanent
dominant TxD input signal. The stand-by mode is a low power mode that disables both,
the receiver as well as the transmitter.
In case the receive-only feature is not used the RM pin has to be left open. When the
stand-by mode is not used the INH pin has to be connected to ground level in order to
switch the TLE6250G in normal mode.
Application Information for the 3.3 V Versions
The TLE6250GV33 can be used for both; 3.3 V and 5 V microcontroller logic supply, as
shown in Figure 6. Don’t apply external resistors between the power supply and this pin.
This may cause a voltage drop and so reduce the available voltage at this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com