Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6251G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6251G
Description  High Speed CAN-Transceiver with Wake Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6251G Datasheet HTML 18Page - Infineon Technologies AG TLE6251G Datasheet HTML 19Page - Infineon Technologies AG TLE6251G Datasheet HTML 20Page - Infineon Technologies AG TLE6251G Datasheet HTML 21Page - Infineon Technologies AG TLE6251G Datasheet HTML 22Page - Infineon Technologies AG TLE6251G Datasheet HTML 23Page - Infineon Technologies AG TLE6251G Datasheet HTML 24Page - Infineon Technologies AG TLE6251G Datasheet HTML 25Page - Infineon Technologies AG TLE6251G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Final Data Sheet
22
Rev. 3.3, 2008-06-19
TLE 6251 G
Table 5
Electrical Characteristics
4.75 V <
V
CC < 5.25 V; 3.0 V < VµC < 5.25 V; 6.0 V < VS < 40 V; RL = 60 Ω; normal mode; -40
°C < Tj < 150 °C; all voltages with respect to ground; positive current flowing into pin; unless
otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Current Consumption
Current consumption
normal mode
I
CC+µC
–
6
10
mA
recessive state;
TxD = high
I
CC+µC
–
50
80
mA
dominant state;
TxD = low
Current consumption
RxD Only mode
I
CC+µC
–
6
10
mA
receive only mode
Current consumption
stand-by mode
I
VS
–
25
50
µA
stand-by mode;
V
S = WK = 12 V
I
CC+µC
–
25
60
µA
stand-by mode;
V
S = WK = 12 V
V
CC = VµC = 5V
Current consumption
sleep mode
I
VS
–
25
35
µA
sleep mode,
V
S = 12 V,
T
j < 85 °C,
V
CC = VµC = 0 V
I
CC+µC
–
2.5
10
µA
sleep mode,
V
S = 12 V,
T
j < 85 °C,
V
CC = VµC = 5V
Supply Resets
V
CC undervoltage detection
V
CC,UV
2
3
4
V
–
V
µC undervoltage detection
V
µC,UV
0.4
1.2
1.8
V
–
V
S power ON detection level
V
S,Pon
2
4
5
V
–
V
S power OFF detection level
V
S,Poff
2
3.5
5
V
–
Receiver Output RxD
HIGH level output current
I
RD,H
–
-4
-2
mA
V
RD = 0.8 × VµC
LOW level output current
I
RD,L
2
4
–
mA
V
RD = 0.2 × VµC
Short circuit current
I
SC,RxD
–
70
84
mA
V
µC = 5.25 V,
RxD = LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com