Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7276D Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7276D
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276D Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7276D Datasheet HTML 7Page - Infineon Technologies AG TLE7276D Datasheet HTML 8Page - Infineon Technologies AG TLE7276D Datasheet HTML 9Page - Infineon Technologies AG TLE7276D Datasheet HTML 10Page - Infineon Technologies AG TLE7276D Datasheet HTML 11Page - Infineon Technologies AG TLE7276D Datasheet HTML 12Page - Infineon Technologies AG TLE7276D Datasheet HTML 13Page - Infineon Technologies AG TLE7276D Datasheet HTML 14Page - Infineon Technologies AG TLE7276D Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
11
Rev. 1.11, 2010-11-22
TLE 7276
Dropout Voltage Vdr versus Output
Current IQ
0
I
Q [mA]
100
200
V
dr [mV]
6_VDR-IQ.VSD
300
200
100
400
300
600
T
j = 150 °C
T
j = 25 °C
T
j = -40 °C
Dropout Voltage Vdr versus Junction
Temperature Tj
-40
T
j [°C]
-20
20 40
80 100
V
dr [mV]
7_VDR-TJ.VSD
300
200
100
400
0
60
140
120
I
Q = 150mA
600
I
Q = 250 mA
I
Q = 10 mA
Maximum Output Current IQ versus
Junction Temperature Tj
-40
T
j [°C]
-20
20 40
80 100
I
Q [mA]
8_IQMAX-TJ.VSD
560
540
520
580
060
140
120
V
I = 13.5 V
500
620
Maximum Output Current IQ versus
Input Voltage VI
0
V
I [V]
20
30
I
Q [mA]
9_SOA.VSD
300
200
100
400
10
40
600
I
Qlim
T
j = 25 °C
T
j = 125 °C
Pvmax = 1,18W for TO252 @
300mm2 cooling area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com