Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7276D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7276D
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276D Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7276D Datasheet HTML 12Page - Infineon Technologies AG TLE7276D Datasheet HTML 13Page - Infineon Technologies AG TLE7276D Datasheet HTML 14Page - Infineon Technologies AG TLE7276D Datasheet HTML 15Page - Infineon Technologies AG TLE7276D Datasheet HTML 16Page - Infineon Technologies AG TLE7276D Datasheet HTML 17Page - Infineon Technologies AG TLE7276D Datasheet HTML 18Page - Infineon Technologies AG TLE7276D Datasheet HTML 19Page - Infineon Technologies AG TLE7276D Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet
16
Rev. 1.11, 2010-11-22
TLE 7276
Package Outlines
GPT09161
5.4 ±0.1
-0.10
6.5
+0.15
A
0.15 max
±0.1
per side
5x0.6
1.14
4.56
+0.08
-0.04
0.9
2.3 -0.10
+0.05
B
±0.1
1
+0.08
-0.04
0.5
0...0.15
B
A
0.25 M
0.1
All metal surfaces tin plated, except area of cut.
Figure 4
P-TO252-5-1 (Plastic Transistor Single Outline)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com