Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110EE Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 45Page - Infineon Technologies AG TLE8110EE Datasheet HTML 46Page - Infineon Technologies AG TLE8110EE Datasheet HTML 47Page - Infineon Technologies AG TLE8110EE Datasheet HTML 48Page - Infineon Technologies AG TLE8110EE Datasheet HTML 49Page - Infineon Technologies AG TLE8110EE Datasheet HTML 50Page - Infineon Technologies AG TLE8110EE Datasheet HTML 51Page - Infineon Technologies AG TLE8110EE Datasheet HTML 52Page - Infineon Technologies AG TLE8110EE Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Data Sheet
49
Rev. 1.0, 2009-06-15
FLEX
Smart Multi-Channel Switch
Control of the device
Figure 28
16-bit protocol
12.2.4
safeCOMMUNICATION
The devise contains some safety features, which are improving the protecting of the application against mal-
function in case of disturbance of the communication between the Micro Controller and the Device:
12.2.4.1 Encoding of the commands
The Commands are encoded. In case other bit-patterns, then the defined once are received, the commands are
ignored and the communication error is indicated in the TOR-Bit (see Chapter 12.2.4.3) and can be read out in
detail with the command CMD_RSDS (seeChapter 12.3.1.2).
12.2.4.2 Modulo-8 Counter
The modulo is the integral remainder in integral division. In data communications, a modulo based approach is
used to ensure that user information in SPI protocols is in the correct order. The device has a receiver-side
counter, and a defined counter size. The modulo counter specifies the number of subsequent numbers available.
In case of TLE8110EE Modulo 8 counter specifies 8 serial numbers. The modulo 8 counter ensures that data is
taken only, when a multiple of 8 bit has been transferred. If in one transfer cycle not a multiple of 8 bits have been
counted, the data frame is ignored and a Communication Error is indicated in the TOR-Bit (see Chapter 12.2.4.3)
and in the CMD_RSDS - Feedback (seeChapter 12.3.1.2).
Upper
Byte
S_CS
S_SI
S_SO
SPI_Protocol_16_2x8bit_mixed.vsd
Lower
Byte
Upper
Byte
Lower
Byte
TOR
CMD
Upper
Byte
0
TOR
CMD
Data
TOR
NOP
Data
TOR
Upper
Byte
Lower
Byte
0
Lower
Byte
TOR
Upper
Byte
Lower
Byte
Upper
Byte
Lower
Byte
TOR
Protocol Change from 2x8-bit to 16-bit
Protocol Change from 16-bit to 2x8-bit
Critical Protocol Change from 16-bit to 2x8-bit
S_CS
S_SI
S_SO
CMD
Data
TOR
Upper
Byte
Lower
Byte
Data...
Lower
Byte
TOR
Upper
Byte
Lower
Byte
Upper
Byte
Lower
Byte
TOR
S_CS
S_SI
S_SO
collission
2x8-bit protocol is
dominant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com