Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110EE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 8Page - Infineon Technologies AG TLE8110EE Datasheet HTML 9Page - Infineon Technologies AG TLE8110EE Datasheet HTML 10Page - Infineon Technologies AG TLE8110EE Datasheet HTML 11Page - Infineon Technologies AG TLE8110EE Datasheet HTML 12Page - Infineon Technologies AG TLE8110EE Datasheet HTML 13Page - Infineon Technologies AG TLE8110EE Datasheet HTML 14Page - Infineon Technologies AG TLE8110EE Datasheet HTML 15Page - Infineon Technologies AG TLE8110EE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
FLEX
Smart Multi-Channel Switch
General Product Characteristics
Data Sheet
12
Rev. 1.0, 2009-06-15
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
4.1.17
Input Voltage at all Logic Pin
V
x
-0.3
6.2
V
t < 10s
4.1.18
Input Voltage at Pin 27, 28 (IN9, 10, )
V
x
-0.3
45
V
permanent
Temperatures
4.1.19
Junction Temperature
T
j
-40
150
°C–
4.1.20
Junction Temperature
T
j
-40
175
°C
max. 100hrs
cumulative
4.1.21
Storage Temperature
T
stg
-55
150
°C–
ESD Robustness
4.1.22
Electro Static Discharge Voltage
“Human Body Model - HBM”
V
ESD
-4
4
kV
All Pins
HBM3)
1.5KOhm, 100pF
4.1.23
Electro Static Discharge Voltage
“Charged Device Model - CDM”
V
ESD
-500
500
V
All Pins
CDM4)
4.1.24
Electro Static Discharge Voltage
“Charged Device Model - CDM”
V
ESD
-750
750
V
Pin 1, 18, 19, 36
(corner pins)
CDM4)
1) Only one single channel at one time.
2) triangular test pulse
3) ESD susceptibility, HBM according to EIA/JESD 22-A114-B
4) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101-C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltages
4.2.1
Analogue Supply Voltage
V
DD
4.5
5.5
V
–
4.2.2
Digital Supply Voltage
V
CC
3
V
DD
V–
4.2.3
Digital Supply Voltage
V
CC
V
DD
5.5
V
leakage Currents
(ICC) might increase
if
V
CC > VDD.
Power Stages
4.2.4
Ground Current
I
GND_typ
9
A
resistive loads1)
Absolute Maximum Ratings (cont’d)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com