Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB080N03L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB080N03L
Description  OptiMOS?? Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB080N03L Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB080N03L Datasheet HTML 1Page - Infineon Technologies AG IPB080N03L Datasheet HTML 2Page - Infineon Technologies AG IPB080N03L Datasheet HTML 3Page - Infineon Technologies AG IPB080N03L Datasheet HTML 4Page - Infineon Technologies AG IPB080N03L Datasheet HTML 5Page - Infineon Technologies AG IPB080N03L Datasheet HTML 6Page - Infineon Technologies AG IPB080N03L Datasheet HTML 7Page - Infineon Technologies AG IPB080N03L Datasheet HTML 8Page - Infineon Technologies AG IPB080N03L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type
IPP080N03L G
IPB080N03L G
OptiMOS
™3 Power-Transistor
Features
• Fast switching MOSFET for SMPS
• Optimized technology for DC/DC converters
• Qualified according to JEDEC
1) for target applications
• N-channel, logic level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Avalanche rated
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
50
A
V GS=10 V, T C=100 °C
42
V GS=4.5 V, T C=25 °C
48
V GS=4.5 V,
T C=100 °C
34
Pulsed drain current
2)
I D,pulse
T C=25 °C
350
Avalanche current, single pulse
3)
I AS
T C=25 °C
50
Avalanche energy, single pulse
E AS
I D=12 A, R GS=25 Ω
50
mJ
Reverse diode dv /dt
dv /dt
I D=50 A, V DS=24 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
V DS
30
V
R DS(on),max
8.0
m
Ω
I D
50
A
Product Summary
Type
IPP080N03L G
IPB080N03L G
Package
PG-TO220-3-1
PG-TO263-3
Marking
080N03L
080N03L
Rev. 1.04
page 1
2010-01-19


Similar Part No. - IPB080N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB080N03LG INFINEON-IPB080N03LG Datasheet
280Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.04 2010-01-19
More results

Similar Description - IPB080N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD15N06S2L-64 INFINEON-SPD15N06S2L-64 Datasheet
268Kb / 8P
OptiMOS Power-Transistor
2003-05-09
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
OptiMOS Power-Transistor
2003-05-09
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
BSZ440N10NS3G INFINEON-BSZ440N10NS3G Datasheet
178Kb / 9P
OptiMOS?? Power-Transistor
Rev. 2.0 2010-04-26
BSC050N04LSG INFINEON-BSC050N04LSG Datasheet
391Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.04 1 2009-10-22
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com