Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD882 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD882
Description  NPN SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD882 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD882 Datasheet HTML 1Page - Renesas Technology Corp 2SD882 Datasheet HTML 2Page - Renesas Technology Corp 2SD882 Datasheet HTML 3Page - Renesas Technology Corp 2SD882 Datasheet HTML 4Page - Renesas Technology Corp 2SD882 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet D17116EJ2V0DS
2
2SD882
TYPICAL CHARACTERISTICS (TA = 25°C)
IC
 = 10 A • IB
IE
 = 0 A (Cob)
IC
 = 0 A (Cib)
TA
TC
VCE
IC
IC
IC
VCB
VEB
VCE
VCE
 = 10 V
VCE
IC
 = 1.0 A
IC(DC)MAX.
TC
 = 25
°C
IC(pulse)
50%
IB
hFE
VBE
Cib
Cob
VCE
 = 5.0 V
VBE(sat)
VCE(sat)
Note
Note



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com