Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD882 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD882
Description  NPN SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD882 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD882 Datasheet HTML 1Page - Renesas Technology Corp 2SD882 Datasheet HTML 2Page - Renesas Technology Corp 2SD882 Datasheet HTML 3Page - Renesas Technology Corp 2SD882 Datasheet HTML 4Page - Renesas Technology Corp 2SD882 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON POWER TRANSISTOR
2SD882
NPN SILICON POWER TRANSISTOR
DATA SHEET
Document No. D17116EJ2V0DS00 (2nd edition)
(Previous No. TC-3564)
Date Published March 2004 N CP(K)
Printed in Japan
c
The mark
shows major revised points.
2004
DESCRIPTION
The 2SD882 is NPN silicon transistor suited for the output stage of 3
watts audio amplifier, voltage regulator, DC-DC converter and relay
driver.
FEATURES
• Low saturation voltage
VCE(sat) = 0.5 V MAX. (IC =
−2 A, IB = 0.2 A)
• Excellent hFE linearity and high hFE
hFE = 60 to 400 (VCE = 2 V, IC = 1 A)
• Less cramping space required due to small and thin package and
reducing the trouble for attachment to a radiator.
No insulator bushing required.
ABSOLUTE MAXIMUM RATINGS
Maximum Temperature
Storage Temperature
−55 to +150°C
Junction Temperature
150
°C Maximum
Maximum Power Dissipations
Total Power Dissipation (TA = 25
°C)
1.0 W
Total Power Dissipation (TC = 25
°C)
10 W
Maximum Voltages and Currents (TA = 25
°C)
VCBO
Collector to Base Voltage
40 V
VCEO
Collector to Emitter Voltage
30 V
VEBO
Emitter to Base Voltage
5.0 V
IC(DC)
Collector Current (DC)
3.0 A
IC(pulse)
Note
Collector Current (pulse)
7.0 A
Note Pulse Test PW
≤ 350
µs, Duty Cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Current Gain
hFE1
VCE = 2.0 V, IC = 20 mA
Note
30
150
DC Current Gain
hFE2
VCE = 2.0 V, IC = 1.0 A
Note
60
160
400
Gain Bandwidth Product
fT
VCE = 5.0 V, IC = 0.1 A
90
MHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
45
pF
Collector Cutoff Current
ICBO
VCB = 30 V, IE = 0 A
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 3.0 V, IC = 0 A
1.0
µA
Collector Saturation Voltage
VCE(sat)
IC = 2.0 A, IB = 0.2 A
Note
0.3
0.5
V
Base Saturation Voltage
VBE(sat)
IC = 2.0 A, IB = 0.2 A
Note
1.0
2.0
V
Note Pulse Test: PW
≤ 350
µs, Duty Cycle ≤ 2%
CLASSIFICATION OF hFE
Rank
R
Q
P
E
Range
60 to 120
100 to 200
160 to 320
200 to 400
Remark Test Conditions: VCE = 2.0 V, IC = 1.0 A
PACKAGE DRAWING (Unit: mm)
8.5 MAX.
3.2 ±0.2
12 TYP.
2.3 TYP.
2.3 TYP.
1.2 TYP.
0.55
2.8 MAX.
0.8
+0.08
–0.05
+0.08
–0.05
1: Emitter
2: Collector: connected to mounting plane
3: Base



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com