Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T835-600B Datasheet(PDF) 4 Page - STMicroelectronics

Part # T835-600B
Description  Snubberless?? logic level and standard 8 A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-600B Datasheet(HTML) 4 Page - STMicroelectronics

  T835-600B Datasheet HTML 1Page - STMicroelectronics T835-600B Datasheet HTML 2Page - STMicroelectronics T835-600B Datasheet HTML 3Page - STMicroelectronics T835-600B Datasheet HTML 4Page - STMicroelectronics T835-600B Datasheet HTML 5Page - STMicroelectronics T835-600B Datasheet HTML 6Page - STMicroelectronics T835-600B Datasheet HTML 7Page - STMicroelectronics T835-600B Datasheet HTML 8Page - STMicroelectronics T835-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
BTA08, BTB08 and T8 Series
4/12
Doc ID 7472 Rev 7
Figure 1.
Maximum power dissipation versus
rms on-state current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
P(W)
0
1
23
45
678
0
1
2
3
4
5
6
7
8
9
10
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
I
(A)
T(RMS)
T (°C)
C
BTA
BTB / T8
Figure 3.
On-state rms current versus
ambient temperature (full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse
duration
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
T(RMS)
T (°C)
C
DPAK
(S=1CM )
2
2
DPAK
(S=0.5CM )
2
printed circuit board FR4, copper thickness: 35 µm
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
DPAK/IPAK
Zth(j-a)
TO-220AB/D PAK
2
Zth(j-a)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current
versus number of cycles
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 50 m
j
to
d
Ω
T=
j
T max.
j
T = 25°C
j
.
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =110°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com