Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T835-600B Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835-600B
Description  Snubberless?? logic level and standard 8 A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-600B Datasheet(HTML) 5 Page - STMicroelectronics

  T835-600B Datasheet HTML 1Page - STMicroelectronics T835-600B Datasheet HTML 2Page - STMicroelectronics T835-600B Datasheet HTML 3Page - STMicroelectronics T835-600B Datasheet HTML 4Page - STMicroelectronics T835-600B Datasheet HTML 5Page - STMicroelectronics T835-600B Datasheet HTML 6Page - STMicroelectronics T835-600B Datasheet HTML 7Page - STMicroelectronics T835-600B Datasheet HTML 8Page - STMicroelectronics T835-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA08, BTB08 and T8 Series
Characteristics
Doc ID 7472 Rev 7
5/12
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal
Figure 8.
Relative variation of gate trigger
current
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
pulse with width t < 10 ms and corresponding value of I t
p
2
360°
α
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
IGT
IH & IL
holding current and latching current
versus junction temperature (typical values)
Figure 9.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
T835/CW/BW
T810/SW
Snubberless and Logic level types
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
Standard types
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 12.
DPAK and D2PAK thermal resistance
junction to ambient versus copper
surface under tab
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
1216202428323640
0
10
20
30
40
50
60
70
80
90
100
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2
DPAK
printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com