Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T201Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T201Y_09 Datasheet HTML 1Page - STMicroelectronics M48T201Y_09 Datasheet HTML 2Page - STMicroelectronics M48T201Y_09 Datasheet HTML 3Page - STMicroelectronics M48T201Y_09 Datasheet HTML 4Page - STMicroelectronics M48T201Y_09 Datasheet HTML 5Page - STMicroelectronics M48T201Y_09 Datasheet HTML 6Page - STMicroelectronics M48T201Y_09 Datasheet HTML 7Page - STMicroelectronics M48T201Y_09 Datasheet HTML 8Page - STMicroelectronics M48T201Y_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
March 2009
Rev 7
1/37
1
M48T201Y
M48T201V
5.0 or 3.3 V TIMEKEEPER® supervisor
Features
■ Converts low power SRAM into NVRAMs
■ Year 2000 compliant
■ Battery low flag
■ Integrated real time clock, power-fail control
circuit, battery and crystal
■ Watchdog timer
■ Choice of write protect voltages
(VPFD = power-fail deselect voltage):
–M48T201Y: VCC = 4.5 to 5.5 V
4.1V
≤ VPFD ≤ 4.5 V
–M48T201V: VCC = 3.0 to 3.6 V
2.7 V
≤ VPFD ≤ 3.0 V
■ Microprocessor power-on reset (valid even
during battery backup mode)
■ Programmable alarm output active in the
battery backed-up mode
■ Packaging includes a 44-lead SOIC and
SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a
SNAPHAT® top which contains the battery and
crystal
■ RoHS compliant
– Lead-free second level interconnect
44
1
SOH44 (MH)
44-pin SOIC
SNAPHAT® (SH)
crystal/battery
www.st.com


Similar Part No. - M48T201Y_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
More results

Similar Description - M48T201Y_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Apr-2004
M48T248Y STMICROELECTRONICS-M48T248Y Datasheet
306Kb / 24P
5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
Rev. 2.0
M48T251Y STMICROELECTRONICS-M48T251Y Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
logo
Rohm
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
logo
MTRONPTI
M4005 MTRONPTI-M4005 Datasheet
886Kb / 2P
3.3 V, 5.0 V or 12.0 V, Sine Wave, SAW Oscillator
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com