Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T201Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T201Y_09 Datasheet HTML 12Page - STMicroelectronics M48T201Y_09 Datasheet HTML 13Page - STMicroelectronics M48T201Y_09 Datasheet HTML 14Page - STMicroelectronics M48T201Y_09 Datasheet HTML 15Page - STMicroelectronics M48T201Y_09 Datasheet HTML 16Page - STMicroelectronics M48T201Y_09 Datasheet HTML 17Page - STMicroelectronics M48T201Y_09 Datasheet HTML 18Page - STMicroelectronics M48T201Y_09 Datasheet HTML 19Page - STMicroelectronics M48T201Y_09 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Operation
M48T201Y, M48T201V
16/37
Note:
Most low power SRAMs on the market today can be used with the M48T201Y/V
TIMEKEEPER® SUPERVISOR. There are, however some criteria which should be used in
making the final choice of an SRAM to use.
The SRAM must be designed in a way where the chip enable input disables all other inputs
to the SRAM. This allows inputs to the M48T201Y/V and SRAMs to be “Don't care” once
VCC falls below VPFD (min). The SRAM should also guarantee data retention down to
VCC = 2.0 V. The chip enable access time must be sufficient to meet the system needs with
the chip enable (and output enable) output propagation delays included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com