Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR700 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
tHermaL management
calculating maXimum ambient temperature
The HR700 Series of DC/DC converters has an upper operating
temperatureof+85°Catthebaseplateofthecase.Thedegreeof
heat sinkingrequired toremain withinthislimitmaybedetermined
fromFigure1whichshowsthemaximumallowedinternalpowerdissi-
pation(PDISSvs.ambienttemperatureforvariousheatsinkthermal
resistances.PDISSmaybecalculatedas:
PDISS=POUT/efficiency–POUT
TheefficiencyforallcombinationsofPOUTandVINforthevarious
modelsmaybeobtainedfromthegraphsontheprecedingpages.
Example:Converter=HR702-2815,TAmB=70°C,
VIN=28VDC,POUT=45watts
Efficiency=85%(FromFigure7)
PDISS=(45/85)–45=7.95watts
FromFigure1wecanseethatthissituationwillrequirethermalresis-
tanceofapproximately4.5°C/watt.
Conversely we may also find the maximum ambient temperature
whichcanbetoleratedifweknowtheheatsinkthermalresistance.
Example:Converter=HR701-2805,VIN=28VDC,POUT=45W.
ThermalResistance=3°C/watt.
Efficiency=83.5%(FromFigure3)
PDISS=(45/0.835)–45=8.89watts.
FromFigure1wecanseethatthemaximumallowedambienttemper-
atureisapproximately75°C.
heat sink recommenDations
AnmFWSeriesconverterinstillair(otherthanconvectivecurrents)
and with no conductive cooling paths other than through electrical
connectionsatthepinswillexhibitathermalresistanceofapproxi-
mately4°C/watt.Incaseswherethisvalueprovestobetoohighitis
recommendedthatadditionalheatsinkingbesupplied.Thesimplest
methodofaccomplishingthisistofirmlyattachtheconvertertoaPCB
thereby providing a conductive thermal path. Secondly it is recom-
mendedthatairflowbeprovidedovertheconverter.Althougheach
situation requires a thorough thermal analysis these two measures
canreducethethermalresistancetoaslowas2°C/watt.Ifcalcula-
tionsindicatefurtherheatsinkingisrequireditisrecommendedthat
additionalthermalmassbeprovidedeitherunderthebaseplateoron
topoftheconverter’smountingflangesorboth.
Degrees Centigrade
20
° 40° 60° 80° 100° 120° 140°
20
15
10
5
U=4
°C/
W
U=
3°C/
W
U=
2°C/
W
U=0
°C/
W
Internal Power Dissipation (max)
vs. Ambient Temperature
FIGuRE 1
pin Out
FIGuRE 2: PIN OuT
SeecaseLfordimensions.
pin dual Output
triple Output
1 PositiveInput
PositiveInput
2 CaseGround
CaseGround
3 InputCommon
InputCommon
4 Inhibit/SyncIn
Inhibit/SyncIn
5 NegativeOutput
Neg.Aux.Output
6 PositiveOutput
PositiveAux.Output
7,8 OutputCommon
OutputCommon
9,10NoConnection
main(+5)Output
Squared corner indicates pin one.
BOTTOM VIEW
MFW
1
2
3
4
5
6
7
8
9
10
HR700
SERIES
70WATT
Dc/Dc conVerters
Page4of7
HR700RevC-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com