Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR700 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TypicalPerformanceCurves:25°CTc,28VDCVin,100%load,freerun,unlessotherwisespecified.
figure 3
OUTPUT POWER (WATTS)
HR702-2812
EFFICIENCY VS. LINE & LOAD
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
figure 5
OUTPUT POWER (WATTS)
HR703-28512
EFFICIENCY VS. LINE & LOAD
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
OUTPUT POWER (WATTS)
HR702-2815
EFFICIENCY VS. LINE & LOAD
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
figure 4
Figure 9
OUTPUT POWER (WATTS)
HR703-28515
EFFICIENCY VS. LINE & LOAD
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
figure 6
OUTPUT POWER (WATTS)
LOW LINE DROPOUT VS
LOAD (50mV DROP)
15
10
20
30
40
50
60
70
16
17
18
HR701-2815
HR701-2812
HR701-2815
figure 7
figure 8
OUTPUT POWER (WATTS)
LOW LINE DROPOUT VS LOAD
(50mV DROP)
15
10
20
30
40
50
60
70
16
17
18
19
HR702-2815
HR702-2812
HR703-28512
HR703-28515
mOdel numbering key
HR70 2 - 28 12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(2 = dual, 3 = triple)
(Main and aux. Vout for triple models)
HR700
SERIES
70WATT
Dc/Dc conVerters
Page5of7
HR700RevC-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com