Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2815D Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MHV2815D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815D Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MHV2815D Datasheet HTML 5Page - Interpoint Corporation Company MHV2815D Datasheet HTML 6Page - Interpoint Corporation Company MHV2815D Datasheet HTML 7Page - Interpoint Corporation Company MHV2815D Datasheet HTML 8Page - Interpoint Corporation Company MHV2815D Datasheet HTML 9Page - Interpoint Corporation Company MHV2815D Datasheet HTML 10Page - Interpoint Corporation Company MHV2815D Datasheet HTML 11Page - Interpoint Corporation Company MHV2815D Datasheet HTML 12Page - Interpoint Corporation Company MHV2815D Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Notes
1. guaranteed by design, not tested.
2. Up to 7.5 watts is available from either output.
3.Loadfaultisashortcircuit(<50mΩ).Recoveryisintoaresistiveload.
4.Steploadtransition≥10µs.Recovery=timetosettletowithin1%of VOUT final value.
5.Steplinetransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final value.
DUAL OUTPUT MODELS
mhv2805D
mhv2812D
mhv2815D
units
parameter
ConDitions
min
typ
maX
min
typ
maX
min
typ
maX
output voltage
±vout
4.90
5.00
5.10
11.76
12.00
12.24
14.70 15.00 15.30
VDC
output Current
eaCh output
0
—
1.5
0
—
0.625
0
—
0.50
A
vin = 16 to 50 vDC
total
—
—
3
—
—
1.25
—
—
1.0
output poWer 2
eaCh output
0
—
7.5
0
—
7.5
0
—
7.5
W
vin = 16 to 50 vDC
total
—
—
15
—
—
15
—
—
15
output ripple
±vout, 10 khz - 2 mhz
—
5
35
—
5
25
—
10
50
mV p-p
line regulation
balanCeD loaDs
vin = 16 to 50 vDC
—
0
10
—
0
10
—
0
10
mV
loaD regulation
balanCeD loaDs
no loaD to Full
—
5
20
—
2
20
—
2
20
mV
input voltage
Continuous
16
28
50
16
28
50
16
28
50
VDC
transient 120 ms 1
—
—
80
—
—
75
—
—
60
V
input Current
no loaD
—
22
30
—
32
43
—
37
50
mA
inhibiteD
—
8.4
10
—
8.4
10
—
8.4
10
input ripple Current
10 khz - 10 mhz
—
5
40
—
5
40
—
10
45
mA p-p
eFFiCienCy
75
79
—
79
83
—
78
83
—
%
loaD Fault 3
poWer Dissipation
short CirCuit
—
—
8.5
—
—
10
—
—
10
W
reCovery 1
—
—
20
—
—
25
—
—
30
ms
step loaD response 4
balanCeD loaDs
50% - 100% - 50%
transient
—
—
±350
—
—
±400
—
—
±500
mV pk
reCovery
—
—
3.0
—
—
1.5
—
—
1.5
ms
step line
response 1, 5
±vout
16 - 50 - 16 vin
transient
—
—
±400
—
—
±500
—
—
±500
mV pk
reCovery
—
—
4.0
—
—
3.0
—
—
3.0
ms
start-up
vin = 40 v
+vout Delay
—
10
18
—
10
20
—
12
22
ms
-vout Delay
—
10
20
—
10
25
—
12
30
overshoot 1
—
0
100
—
0
240
—
0
300
mV pk
CapaCitive loaD 1
25°C
—
—
100
—
—
100
—
—
100
µF
Electrical Characteristics: -55° to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 9 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com