Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2815D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MHV2815D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MHV2815D Datasheet HTML 1Page - Interpoint Corporation Company MHV2815D Datasheet HTML 2Page - Interpoint Corporation Company MHV2815D Datasheet HTML 3Page - Interpoint Corporation Company MHV2815D Datasheet HTML 4Page - Interpoint Corporation Company MHV2815D Datasheet HTML 5Page - Interpoint Corporation Company MHV2815D Datasheet HTML 6Page - Interpoint Corporation Company MHV2815D Datasheet HTML 7Page - Interpoint Corporation Company MHV2815D Datasheet HTML 8Page - Interpoint Corporation Company MHV2815D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
description
Interpoint’s MHV Series™ of DC/DC converters offers a wide
input voltage range of 16 to 50 VDC and a choice of nine
different output voltage configurations comprised of single, dual
or triple outputs. The 3.3 volt single, 5 volt single and dual and
the triple output models will withstand transients of up to 80 volts
for up to 120 milliseconds while maintaining output voltages.
The 12 volt single and dual outputs will withstand transients up
to 75 volts and the 15 volt single and dual outputs will withstand
up to 60 volts for 120 milliseconds. The MHV Series operates at
15 watts of output power (10 watts for the 3.3 volt single output)
over the military temperature range of -55°C to +125°C while
maintaining low input and output noise.
Converter Design
MHV Series DC/DC converters are switching regulators that use
continuous flyback conversion topology with a clock frequency
of approximately 600 kHz. MHV Series converters incorporate
two pulse width modulators (PWM) with one PWM phase shifted
180° from the other to create a dual phase/phase-shifted opera-
tion. Each of the PWMs operates at approximately one-half (300
kHz) of the clock frequency. This proprietary technology mini-
mizes input ripple and improves efficiency. On singles the output
ripple is reduced. Cross regulation is eliminated on dual output
models which are independently regulated and do not require
load balancing or minimum loading. On triple output models, this
design provides completely independent regulation with no cross
regulation effect between the main and auxiliary outputs and no
minimum loading is required on the main output.
inhibit FunCtion
The converter is enabled when the inhibit terminal is left uncon-
nected. When the inhibit terminal is pulled low (<0.8 V) the
converter shuts down, typically drawing 8.4 mA at 28 Vin or 15
mA at 50 Vin. Sinking current required is Vin / 3.3 K ohm.
synChronization FunCtion
Applying an external signal of 40% to 60% duty cycle and 490
to 710 kHz for singles and duals output models will synchronize
the converter to your system requirements. For triple output
models the external frequency range is 500 to 700 kHz. Free run
clock frequency is approximately 600 kHz. If not used, the sync
terminal must be left unconnected.
trim
Single output converters feature a trim range of as low as 80%
to as high as 110% of Vout nominal, depending on the model.
To trim up, connect a resistor from output common (pin 4) to the
trim terminal (pin 3). To trim down, connect a resistor from the
positive output (pin 5) to the trim terminal (pin 3). See Figure 4
and trim tables for more information.
sCreening
The converters are offered with standard screening, “ES”
screening, or fully compliant to “883” MIL-PRF-38534 Class H
screening. Standard microcircuit drawings (SMD) are available.
Features
no cross regulation on dual outputs
Operating temperature -55° to +125°C
•
Input voltage range 16 to 50 VDC
•
Transient protection 80 V for 120 ms
•
12 Vout single and dual to 75 V
-
15 Vout single and dual to 60 V
-
Fully isolated
•
Fixed frequency switching
•
Output trim on single output models
•
Inhibit and sync functions
•
High power density, up to 83% efficiency
•
MODELS
vDC output
single
3.3
5
12
15
Dual
±5
±12
±15
triple
+5 & ±12
+5 & ±15
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 19
MHV Rev E - 20100503
28 Volt input – 15 Watt


Similar Part No. - MHV2815D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHV2815D CRANE-MHV2815D Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
MHV2815D/883 CRANE-MHV2815D/883 Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHV2815D/883 INTERPOINT-MHV2815D/883 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MHV2815D/ES CRANE-MHV2815D/ES Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
MHV2815DF CRANE-MHV2815DF Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
More results

Similar Description - MHV2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com