Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TH430
Description  RF & Microwave transistors HF SSB application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH430 Datasheet(HTML) 1 Page - STMicroelectronics

  TH430 Datasheet HTML 1Page - STMicroelectronics TH430 Datasheet HTML 2Page - STMicroelectronics TH430 Datasheet HTML 3Page - STMicroelectronics TH430 Datasheet HTML 4Page - STMicroelectronics TH430 Datasheet HTML 5Page - STMicroelectronics TH430 Datasheet HTML 6Page - STMicroelectronics TH430 Datasheet HTML 7Page - STMicroelectronics TH430 Datasheet HTML 8Page - STMicroelectronics TH430 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2007
Rev 2
1/9
9
SD1728 (TH430)
RF & Microwave transistors
HF SSB application
Features
13.56MHz
44V
Gold metallization
Common emitter
POUT = 200W with 15dB gain
Description
The SD1728 is a 50V epitaxial silicon NPN planar
transistor designed primarily for SSB and
Industrial HF pplications. This device utilizes
emitter ballasting for improved ruggedness and
reliability.
Pin connection
M177
Epoxy sealed
1
3
4
2
1. Collector
2. Emitter
3. Base
4. Emitter
www.st.com
Table 1.
Device summary
Part number
Package
Marking
SD1728
M177
TH430


Similar Part No. - TH430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TH430 STMICROELECTRONICS-TH430 Datasheet
148Kb / 9P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
rev. A
More results

Similar Description - TH430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
New Jersey Semi-Conduct...
MS1227 NJSEMI-MS1227 Datasheet
121Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com